PART |
Description |
Maker |
MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MM |
Small Signal 4.7V 5% Zener 2.8V 2.4V Zener Small Signal 27V 5% Zener 43V 5% Zener 47V 5% 51V Zener Zener 62V 5% 60V Zener Small Signal 6.8V 5% Small Signal 25V 5% Small Signal 9.1V 5% Zener Voltage Regulator 30V 5% Small Signal 16V 5% Small Signal Zener 36V 5% Small Signal 20V 5%
|
ON Semiconductor
|
BAS70WFILM BAS70JFILM BAS70-04WFILM BAS70-06WFILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE CYDC064B08 West Bridge Peripheral Controllers; Bus Width: x8; Speed: 55 ns 2K x 8 Automotive Dual-port Static RAM
|
ST Microelectronics STMicroelectronics
|
BAR46AFILM BAR46FIL BAR46 BAR46FILM |
16KX9 35NS FIFO PLCC PLCC32 SMALL SIGNAL SCHOTTKY DIODES SMALL SIGNAL SCHOTTKY DIODES
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CDBH3-A-HF CDBH3-54C-HF CDBH3-54A-HF |
Halogen Free Small Signal Schottky, V-RRM=30V, V-R=30V, I-O=200mA Small Signal Schottky Diodes
|
Comchip Technology
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
TMBYV10-60 3485 TMBYV-10-60 TMBYV10-60FILM |
From old datasheet system SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
BAT54CFILM BAT54SFILM BAT54AFILM BAT54FILM 5505 BA |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE From old datasheet system
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BSS192P |
Low Voltage MOSFETs - Small Signal MOSFET, -250V, SOT-89, RDSon = 12 SIPMOS Small-Signal-Transistor OptiMOS -P Small-Signal-Transistor
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
SD103A09 SD103B-35B |
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 0.35 A, 30 V, SILICON, SIGNAL DIODE, DO-35
|
Pan Jit International Inc.
|
TMMBAT46 TMMBAT46FILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE 小信号肖特基二极
|
SGS Thomson Microelectronics ST Microelectronics STMicroelectronics N.V.
|
PMP5501G PMP5501V PMP5501Y PMP5501Y135 PMP5501G115 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors; Package: SOT353 (UMT5); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|